Part Number Hot Search : 
80000 OPB773NZ 1N821A APL0832 01M10 CHA3666 SM80C15 2SK246GR
Product Description
Full Text Search
 

To Download TDA3567 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA3567 NTSC decoder
Product specification File under Integrated Circuits, IC02 June 1986
Philips Semiconductors
Product specification
NTSC decoder
GENERAL DESCRIPTION
TDA3567
The TDA3567 is a monolithic integrated decoder for the NTSC colour television standards. It combines all functions required for the demodulation of NTSC signals. Further more it contains a luminance amplifier, an RGB-matrix and amplifier. These amplifiers supply output signals up to 5 V peak-to-peak (picture information) enabling direct drive of the discrete output stages. QUICK REFERENCE DATA PARAMETER Supply voltage Supply current Luminance input signal Input voltage (peak-to-peak value) Contrast control range Chrominance amplifier Input voltage (peak-to-peak value) Saturation control range RGB matrix and amplifiers Output voltage at nominal luminance input signal and nominal contrast (peak-to-peak value) Sandcastle input Blanking input voltage Burst gating and clamping input voltage PACKAGE OUTLINE 18-lead DIL; plastic, with internal heatspreader (SOT102-1); SOT102-1; 1996 November 25. V7-17(p-p) 6,5 7,0 7,5 V pin 7 V7-17 1,0 1,5 2,0 V V10,11,12-17(p-p) 4,0 5,0 6,0 V V3-17(p-p) - 50 550 - - - mV dB pin 3 V8-17(p-p) - - 0,45 20 - - V dB CONDITIONS pin 1 pin 1 pin 8 IP = I1 SYMBOL VP = V1-17 9 - MIN. TYP. 12 65 MAX. 13,2 - V mA UNIT
June 1986
2
Philips Semiconductors
Product specification
NTSC decoder
TDA3567
June 1986
3
Fig.1 Block diagram.
Philips Semiconductors
Product specification
NTSC decoder
FUNCTIONAL DESCRIPTION Luminance amplifier
TDA3567
The luminance amplifier is voltage driven and requires an input signal of 450 mV peak-to-peak (1) The luminance delay line must be connected between the i.f. amplifier and the decoder. The input signal must be a.c. coupled to the input pin 8. The black level clamp circuit of the RGB amplifiers uses the coupling capacitor as a storage capacitor. After clamping the signal is fed to a peaking stage. The RC network connected to pin 13 is used to define the amount of overshoot. The peaking stage is followed by a contrast control stage. The control voltage has to be supplied to pin 6. The control voltage range is nominally -17 to + 3 dB. The linear curve of the contrast control voltage is shown in Fig.2. Chrominance amplifier The chrominance amplifier has an asymmetrical input. The input signal at pin 3 must be a.c. coupled, and must have an amplitude of 550 mV peak-to-peak. The gain control stage has a control range in excess of 30 dB, the maximum input signal should not exceed 1,1 V peak-to-peak, otherwise clipping of the input signal will occur. From the gain control stage the chrominance signal is fed to the saturation and contrast control stages. Chrominance and luminance control stages are directly coupled to obtain good tracking. The saturation is linearly controlled via pin 5. The control voltage range is 2 V to 4 V. The impedance is high and the saturation control range is in excess of 50 dB. The burst signal is not affected by contrast or saturation control. After the amplification and control stages the chrominance signal is internally fed to the (R-Y) and (B-Y) demodulators, burst phase and a.c.c. detectors. Oscillator and a.c.c. circuit The 3,58 MHz reference oscillator operates at the subcarrier frequency. The crystal must be connected between pin 16 and ground. The oscillator does not require adjustment due to the small spreads of the IC. The free running frequency of the oscillator can be checked by connecting the saturation control (pin 5) to the positive supply line. Then the loop is opened, so that the frequency can be measured. The oscillator has an internal gain limiting stage which controls the gain to unity, so that internal signals are sinusoidal. This prevents the generation of higher harmonics of the subcarrier signals. The burst signal is compared to a 0 reference signal by the burst amplitude detector and is then amplified and fed to a peak detector for a.c.c. and to a sample and hold circuit which drives the colour killer circuit. The reference signal for the burst phase detector is provided by the 90 phase shifted signal. An RC network is used to obtain the required catching range and noise immunity for the output voltage of the burst phase detector. The hue control is obtained by mixing oscillator signals with a phase of 0 and 90 before they are fed to the (R-Y) and (B-Y) demodulators. The 90 phase shifted signal is provided by a miller integrator (biased by pin 18). As the hue control is independent of the PLL, the control will react without time delay on the control voltage changes. Demodulator circuits The demodulators are driven by the amplified and controlled chrominance signals, the reference signals are obtained from the hue control circuit. In nominal hue control position the phase angle of (R-Y) reference signal is 0, the phase angle of the (B-Y) reference signal is 90. For flesh tone corrections the demodulated (R-Y) signal is matrixed with the demodulated (B-Y) signal according to the following equations: ( R - Y ) matrixed = 1, 61 ( R - Y ) IN - 0, 42 ( B - Y ) IN ( G - Y ) matrixed = 0, 43 ( R - Y ) IN - 0, 11 ( B - Y ) IN ( B - Y ) matrixed = ( B - Y ) IN
(1) Signal with negative going sync; amplitude includes sync pulse amplitude.
June 1986
4
Philips Semiconductors
Product specification
NTSC decoder
TDA3567
In these equations (R-Y)IN and (B-Y)IN indicate the colour difference signal amplitudes, when the chrominance signal is demodulated with a phase difference between the R-Y and B-Y demodulator of 90 and a gain ratio B-Y/R-Y = 1,78. RGB matrix circuit and amplifiers The three matrix and amplifier circuits are identical. The luminance signal and the colour difference signals are added in the matrix circuit to obtain the colour signal. Output signals are 5 V (peak-to-peak) (black-white) for the following nominal input signals and control settings. * Luminance 450 mV (peak-to-peak) * Chrominance 550 mV (peak-to-peak) (burst-to-chrominance ratio of the input 1 : 2.2) * Contrast -3 dB (maximum) * Saturation -10 dB (maximum) The maximum available output voltage is approximately 7 V (peak-to-peak). The black level of the red channel is compared with a variable external reference level (pin 9), which provides the brightness control. The control loop is closed via the luminance input. The luminance input is varied to control the black level control, therefore the green and blue outputs will follow any variation of the red output. The output of the black control can be varied between 2 V to 4 V. The corresponding brightness control voltage is shown in Fig.4. If the output signal surpasses the level of 9 V the peak-white limiter circuit becomes active and reduces the output signal via the contrast control. Blanking of RGB signals A slicing level of about 1,5 V is used for this blanking function, so that the wide part of the sandcastle pulse is separated from the rest of the pulse. During blanking a level of + 2 V is available at the output.
June 1986
5
Philips Semiconductors
Product specification
NTSC decoder
RATINGS Limiting values in accordance with the Absolute Maximum System (IEC 134) Supply voltage (pin 1) Total power dissipation Storage temperature range Operating ambient temperature range THERMAL RESISTANCE From junction to ambient (in free air) CHARACTERISTICS VP = V1-17 =12 V; Tamb = 25 C; unless otherwise specified PARAMETER Supply Supply voltage Supply current Total power dissipation Luminance input signal Input voltage (peak-to-peak value) Input voltage level before clipping occurs in the input stage Input current Contrast control range Input current contrast control Input current when the peak-white limiter is active Input resistance Peaking of luminance signal Output impedance Ratio of internal/external current when pin 13 is short-circuited - 3 - pin 13 |Z13-17| - 200 - V6-17 = 2,5 V V6-17 > 6 V I7 R7-17 - 1,4 5,5 2,0 - 2,6 for V6-17 < 6 V I7 - 0,5 15 see Fig.2 V8-17 I8 - - -17 - 0,15 - 1 1,0 +3 note 1 pin 8 V8-17(p-p) - 450 - VP = V1-17 IP = I1 Ptot 9 - - 12 65 0,78 13,2 - - CONDITIONS SYMBOL MIN. TYP. Rth j-a = 50 VP = V1-17 Ptot Tstg Tamb max. max. -25 to
TDA3567
13,2 1,7 + 65
V W C C
-25 to + 150
K/W
MAX.
UNIT
V mA W
mV
V A dB A
mA k
June 1986
6
Philips Semiconductors
Product specification
NTSC decoder
TDA3567
PARAMETER Chrominance amplifier Input signal amplitude (peak-to-peak value) Input signal amplitude before clipping occurs in the input stage (peak-to-peak value) Minimum burst signal amplitude within the a.c.c. control range (peak-to-peak) A.C.C. control range Change of the burst signal at the output for the complete control range Input impedance Input capacitance Saturation control range Input current saturation control Input impedance Input impedance when the colour killer is active Input impedance Tracking between luminance and chrominance contrast Cross coupling between luminance and chrominance amplifier
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
note 2 pin 3 V3-17(p-p) - 550 - mV
V3-17(p-p)
-
-
1,1
V
35 30
- -
- -
mV dB
V pin 3 pin 3 see Fig.3 for V5-17 > 6 V V5-17 = 6 V to 10 V |Z5-17| |Z5-17| for V5-17 > 10 V for 10 dB of control |Z5-17| I5 |Z3-17| C3-17
- 6 - 50 - 1,4 1,4 0,7
- 8 4 - 1 2,0 2,0 1,0
+1 10 6 - 20 2,6 2,6 1,3
dB k pF dB A k k k
-
1
2
dB
note 4
-
-50
-46
dB
June 1986
7
Philips Semiconductors
Product specification
NTSC decoder
TDA3567
PARAMETER Reference part Phase locked loop Catching range Phase shift for 400 Hz deviation of the carrier frequency Oscillator Temperature coefficient of oscillator frequency Frequency deviation Input resistance Input capacitance A.C.C. generation Voltage at pin 4 nominal input signal Voltage at pin 4 without burst input Colour-off voltage Colour-on voltage Change in burst amplitude with temperature Change in burst amplitude with 10% supply voltage change Voltage at pin 2 at nominal input signal Hue control Control voltage range Input current Input impedance
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
f
400
500
-
Hz
-
-
5
deg
TCosc VP = 10% pin 16 pin 16 fosc9 R16-17 C22-17
- - 260 -
1,5 150 360 -
2,5 250 460 10
Hz/K Hz pF
V4-17 V4-17 V4-17 V4-17
- - - - -
4,0 1,9 2,5 2,8 0,1
- - - - -
V V V V %/K
- V2-17 -
0 5,0
- -
%/V V
see Fig.5 for V15-17 < 5 V for V15-17 > 5 V I14 |Z14-17| - 1,5 0,5 2,5 20 3,5 A k
June 1986
8
Philips Semiconductors
Product specification
NTSC decoder
TDA3567
PARAMETER Demodulation part Ratio of demodulation signals (measured at the various outputs) (R-Y)/(B-Y); no (R-Y) signal
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
note 7 V 10 - 17 ----------------V 12 - 17 V 10 - 17 ----------------V 12 - 17 V 11 - 17 ----------------V 12 - 17 V 11 - 17 ----------------V 12 - 17 - - -0,42 - -
(R-Y)/(B-Y); colour bar signal
1,4
(G-Y)/(R-Y); no (B-Y) signal
- -
-0,25 -0,11
- -
(G-Y)/(B-Y); no (R-Y) signal
Frequency response RGB matrix and amplifier Output signal amplitude
0 to 0,7 MHz
-
-
-3
dB
at nominal V10,11,12-17(p-p) luminance input signal and nominal contrast (peak-topeak value) note 3 black-white at nominal contrast and saturation control setting and no luminance signal to the input (B-Y) signal (peak-topeak value) note 6 V12-17(p-p)
4,0
5,0
6,0
V
Output signal amplitude of the "blue" channel
-
3,8
-
V
Maximum peak-white level Maximum output current Difference in the black level between the three channels Black level shift with vision content Brightness control voltage range
V10,11,12-7 I10,11,12-17
9,0 - -
9,3 - -
9,6 10 600
V mA mV
-
10 see Fig.4
40
mV
June 1986
9
Philips Semiconductors
Product specification
NTSC decoder
PARAMETER Brightness control input current Black level variation with temperature Black level variation with contrast control Relative spread between the three output signals Relative variation in black level between the three channels during variations V of contrast (10 dB), brightness ( 1 V), and supply voltage ( 10%) V - - - 0 10 20 V - 75 200 V/T - 0,15 1,0 I9 - - -50 CONDITIONS SYMBOL MIN. TYP.
TDA3567
MAX. A mV/K mV % mV UNIT
Differential drift of black level over a temperature range of 40 C Blanking level at the RGB outputs Tracking of output black levels with supply voltage Vb1 V b1 V p ------------ x --------V b1 V p 1,95 1,0 2,15 1,05 2,35 1,1 V - 0 20 mV
Signal-to-noise ratio of output signals Residual 3,58 MHz in RGB outputs (peak-to-peak value) Residual 7,1 MHz and higher harmonics in the RGB outputs (peak-to-peak value) RGB output impedance Frequency response of total luminance and RGB amplifier circuits 0 to 5 MHz - - -3 dB VR(p-p) - 50 75 mV VR(p-p) - 50 75 mV note 5 S/N 62 - - dB
|Z10,11,12-17|
-
-
50
June 1986
10
Philips Semiconductors
Product specification
NTSC decoder
TDA3567
PARAMETER Sandcastle input Level at which the RGB blanking is activated Level at which burst gate clamping pulses are separated Delay between black level clamping and burst gating pulse Input currents
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
V7-17 V7-17
1,0 6,5
1,5 7,0
2,0 7,5
V V
td V7-17 = 0 to 1 V V7-17 = 1 to 8,5 V V7-17 = 8,5 to 12 V I7 I7 I7
300 - - -
375 - -20 -
450 -1 -40 2
ns mA A mA
Notes to the characteristics 1. Signal with negative going sync; amplitude includes sync pulse amplitude. 2. Indicated is a signal for colour bar with 75% saturation, so the chrominance to burst ratio is 2,2 : 1. 3. Nominal contrast is specified as maximum contrast -3 dB and nominal saturation as maximum saturation -10 dB. 4. Cross coupling is measured under the following condition: - input signals nominal; - contrast and saturation such that nominal output signals are obtained; - the signals at the output at which no signal should be available must be compared with the nominal output signal at that output. 5. The signal-to-noise ratio is specified as peak-to-peak signal with respect to RMS noise. 6. When this level is exceeded the amplifier of the output signal is reduced via a discharge of the capacitor on pin 7 (contrast control). Discharge current is 5,5 mA. 7. These matrixed values are found by measuring the ratio of the various output signals. The values are derived from the matrix equations given in the section `FUNCTIONAL DESCRIPTION'.
June 1986
11
Philips Semiconductors
Product specification
NTSC decoder
TDA3567
Fig.2 Contrast control voltage range.
Fig.3 Saturation control voltage range.
Fig.4 Brightness control voltage range.
Fig.5 Hue control voltage range.
June 1986
12
Philips Semiconductors
Product specification
NTSC decoder
APPLICATION INFORMATION
TDA3567
Fig.6 Application diagram.
June 1986
13
Philips Semiconductors
Product specification
NTSC decoder
PACKAGE OUTLINES DIP18: plastic dual in-line package; 18 leads (300 mil)
TDA3567
SOT102-1
D seating plane
ME
A2
A
L
A1
c Z e b1 b 18 10 b2 MH wM (e 1)
pin 1 index E
1
9
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 4.7 0.19 A1 min. 0.51 0.020 A2 max. 3.7 0.15 b 1.40 1.14 0.055 0.044 b1 0.53 0.38 0.021 0.015 b2 1.40 1.14 0.055 0.044 c 0.32 0.23 0.013 0.009 D (1) 21.8 21.4 0.86 0.84 E (1) 6.48 6.20 0.26 0.24 e 2.54 0.10 e1 7.62 0.30 L 3.9 3.4 0.15 0.13 ME 8.25 7.80 0.32 0.31 MH 9.5 8.3 0.37 0.33 w 0.254 0.01 Z (1) max. 0.85 0.033
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT102-1 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION
ISSUE DATE 93-10-14 95-01-23
June 1986
14
Philips Semiconductors
Product specification
NTSC decoder
SOLDERING Introduction
TDA3567
There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "IC Package Databook" (order code 9398 652 90011). Soldering by dipping or by wave The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact with the joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds. The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. Repairing soldered joints Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds. DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
June 1986
15


▲Up To Search▲   

 
Price & Availability of TDA3567

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X